PART |
Description |
Maker |
LTC1929CG LTC1929IG LTC1929 LTC1929-PG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators 2-Phase, High Efficiency,Synchronous Step-DownSwitching Regulators
|
Linear Technology Corporation
|
APW7136ACI-TRL APW7136BCI-TRL APW7136C APW7136CCI- |
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
|
Anpec Electronics Coropration
|
MAX640C/D MAX653C/D MAX653EPA MAX653ESA MAX653 MAX |
5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 8-SOIC -40 to 85 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 5V/3.3V/3V/可调、高效率、低IQ、降压型DC-DC转换 8-Bit Shift Register 24-SOIC -40 to 125 1 A SWITCHING REGULATOR, PDIP8 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 1 A SWITCHING REGULATOR, PDSO8
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
LT1767EMS8E-3.3TRPBF LT1767EMS8E-3.3PBF LT1767EMS8 |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AAT1155IKS-1.0-T1 AAT1155IKS-2.5-T1 AAT1155IKS-1.8 |
1MHz 2.5A Step-Down DC/DC Converter 1MHz.5A降压型DC / DC转换
|
Advanced Analogic Technologies, Inc.
|
5962-8994302QX 5962-8994303QX 5962-8994305QX 5962- |
Dual, High-Efficiency, Step-Down Controller with Accurate Current Limit 多模先进先出 High-Efficiency, Current-Mode, Inverting PWM Controller 多模先进先出 White LED Step-Up Converter in SOT23 多模先进先出
|
PHOENIX CONTACT Deutschland GmbH
|
ISL8036ADUALEVAL1Z ISL8036CRSHEVAL1Z ISL8036ACRSHE |
Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
|
Renesas Electronics Corporation
|
MIC22700YML MIC2270010 |
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
|
Micrel Semiconductor
|
ISL8012IRZ ISL8012 |
2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|
TS30111-M000 TS30111-M015 TS30111-M018 TS30111-M02 |
High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
|
Semtech Corporation
|